Part Number Hot Search : 
LTC5583 KBL407G PT8A2612 MIC2843 74LS53 T93C56 FMM5027 TZ630N
Product Description
Full Text Search
 

To Download MPSA05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
DRIVER STAGE AMPLIFIER APPLICATIONS. VOLTAGE AMPLIFIER APPLICATIONS.
B
MPSA05
EPITAXIAL PLANAR NPN TRANSISTOR
C
Complementary to MPSA55. Driver Stage Application of 20 to 25 Watts Amplifiers.
K D E G N
A
FEATURES
MAXIMUM RATING (Ta=25
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Emitter Current Collector Power Dissipation Junction Temperature Storage Temperature
)
SYMBOL VCBO VCEO VEBO IC IE PC Tj Tstg RATING 60 60 6 500 -500 625 150 -55 150 UNIT
F
H
F
V
L
V V mA mA mW
1
2
3
M
C
DIM A B C D E F G H J K L M N
MILLIMETERS 4.70 MAX 4.80 MAX 3.70 MAX 0.45 1.00 1.27 0.85 0.45 _ 14.00 + 0.50 0.55 MAX 2.30 0.45 MAX 1.00
J
1. EMITTER 2. BASE 3. COLLECTOR
TO-92
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance
)
TEST CONDITION VCB=60V, IE=0 VCE=60V, IB=0 IC=5mA, IB=0 VCE=1V, IC=10mA VCE=1V, IC=100mA IC=100mA, IB=10mA VCE=1V, IC=100mA VCE=1V, IC=10mA VCB=10V, IE=0, f=1MHz MIN. 60 100 100 80 TYP. 10 MAX. 100 100 0.25 1.2 V V MHz pF UNIT nA nA V ICBO ICEO
SYMBOL
V(BR)CEO hFE(1) hFE(2) VCE(sat) VBE fT Cob
1998. 1. 9
Revision No : 2
1/1


▲Up To Search▲   

 
Price & Availability of MPSA05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X